Part Number Hot Search : 
AN1672 TL2272 MN101 0J100 ON2258 N74HC VDP3120 1205A
Product Description
Full Text Search
 

To Download 74AHC16408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
Rev. 03 -- 24 April 2008 Product data sheet
1. General description
The 74AHC164; 74AHCT164 shift register is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7A. The 74AHC164; 74AHCT164 input signals are 8-bit serial through one of two inputs (DSA or DSB); either input can be used as an active HIGH enable for data entry through the other input. Both inputs must be connected together or an unused input must be tied HIGH. Data shifts one place to the right on each LOW-to-HIGH transition of the clock input (CP) and enters into output Q0, which is a logical AND of the two data inputs (DSA and DSB) that existed one set-up time prior to the rising clock edge. A LOW-level on the master reset (MR) input overrides all other inputs and clears the register asynchronously, forcing all outputs LOW.
2. Features
I I I I Balanced propagation delays All inputs have Schmitt-trigger actions Inputs accept voltages higher than VCC Input levels: N For 74AHC164: CMOS level N For 74AHCT164: TTL level I ESD protection: N HBM EIA/JESD22-A114E exceeds 2000 V N MM EIA/JESD22-A115-A exceeds 200 V N CDM EIA/JESD22-C101C exceeds 1000 V I Multiple package options I Specified from -40 C to +85 C and from -40 C to +125 C
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74AHC164 74AHC164D 74AHC164PW 74AHC164BQ -40 C to +125 C -40 C to +125 C -40 C to +125 C SO14 TSSOP14 DHVQFN14 plastic small outline package; 14 leads; body width 3.9 mm plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT108-1 SOT402-1 Description Version Type number
plastic dual in-line compatible thermal enhanced very SOT762-1 thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm plastic small outline package; 14 leads; body width 3.9 mm plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT108-1 SOT402-1
74AHCT164 74AHCT164D 74AHCT164PW 74AHCT164BQ -40 C to +125 C -40 C to +125 C -40 C to +125 C SO14 TSSOP14 DHVQFN14
plastic dual in-line compatible thermal enhanced very SOT762-1 thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm
4. Functional diagram
DSA DSB CP MR
1 2 8 9 3 4 5 6 10 11 12 13 8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
001aac425
Fig 1.
Functional diagram
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
2 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
SRG8 8 9 1 2
C1/ R
3 4
&
1D
DSA DSB
3 1 2 4 5 6 10
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
001aac424
5 6 10 11 12 13
CP MR
8 9
11 12 13
001aac423
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
DSA D DSB Q D Q D Q D Q D Q D Q D Q D Q
CP FF1 RD
CP FF2 RD
CP FF3 RD
CP FF4 RD
CP FF5 RD
CP FF6 RD
CP FF7 RD
CP FF8 RD
CP MR
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
001aac616
Fig 4.
Logic diagram
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
3 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
5. Pinning information
5.1 Pinning
DSA 2 3 4 5 6 7 GND CP 8 1 14 VCC 13 Q7 12 Q6 11 Q5 10 Q4 9 MR
DSA DSB Q0 Q1 Q2 Q3 GND
1 2 3 4 5 6 7
001aac422
14 VCC 13 Q7 12 Q6
terminal 1 index area DSB Q0 Q1 Q2 Q3
164
11 Q5 10 Q4 9 8 MR CP
164
GND(1)
001aac828
Transparent top view
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig 5.
Pin configuration SO14 and TSSOP14
Fig 6.
Pin configuration DHVQFN14
5.2 Pin description
Table 2. Symbol DSA DSB Q0 Q1 Q2 Q3 GND CP MR Q4 Q5 Q6 Q7 VCC Pin description Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Description serial data input A serial data input B output 0 output 1 output 2 output 3 ground (0 V) clock input (LOW-to-HIGH edge-triggered) master reset input (active LOW) output 4 output 5 output 6 output 7 supply voltage
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
4 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
6. Functional description
Table 3. Function table[1] Control MR Reset (clear) Shift L H CP X Input DSA X l l h h
[1]
Operating mode
Output DSB X l h l h Q0 L L L L H Q1 to Q7 L to L q0 to q6 q0 to q6 q0 to q6 q0 to q6
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition; L = LOW voltage level; l = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition; = LOW-to-HIGH transition; X = don't care; q = lower case letter indicates the state of the referenced input one set-up time prior to the LOW-to-HIGH transition.
7. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC VI IIK IOK IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input voltage input clamping current output clamping current output current supply current ground current storage temperature total power dissipation
Conditions
Min -0.5 -0.5
Max +7.0 +7.0 +20 +25 +75 +150 500
Unit V V mA mA mA mA mA C mW
VI < -0.5 V VO < -0.5 V or VO > VCC + 0.5 V VO = -0.5 V to (VCC + 0.5 V)
[1] [1]
-20 -20 -25 -75 -65
Tamb = -40 C to +125 C
[2]
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. For SO14 packages: above 70 C the value of Ptot derates linearly at 8 mW/K. For TSSOP14 packages: above 60 C the value of Ptot derates linearly at 5.5 mW/K. For DHVQFN14 packages: above 60 C the value of Ptot derates linearly at 4.5 mW/K.
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
5 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
8. Recommended operating conditions
Table 5. Symbol 74AHC164 VCC VI VO Tamb t/V 74AHCT164 VCC VI VO Tamb t/V supply voltage input voltage output voltage ambient temperature input transition rise and fall rate VCC = 4.5 V to 5.5 V 4.5 0 0 -40 5.0 +25 5.5 5.5 VCC +125 20 V V V C ns/V supply voltage input voltage output voltage ambient temperature input transition rise and fall rate VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V 2.0 0 0 -40 5.0 +25 5.5 5.5 VCC +125 100 20 V V V C ns/V ns/V Operating conditions Parameter Conditions Min Typ Max Unit
9. Static characteristics
Table 6. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter 74AHC164 VIH HIGH-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VOH HIGH-level VI = VIH or VIL output voltage IO = -50 A; VCC = 2.0 V IO = -50 A; VCC = 3.0 V IO = -50 A; VCC = 4.5 V IO = -4.0 mA; VCC = 3.0 V IO = -8.0 mA; VCC = 4.5 V VOL LOW-level VI = VIH or VIL output voltage IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V
74AHC_AHCT164_3
Conditions Min 1.5 2.1 3.85 1.9 2.9 4.4 2.58 3.94 -
25 C Typ 2.0 3.0 4.5 0 0 0 Max 0.5 0.9 1.65 0.1 0.1 0.1 0.36 0.36
-40 C to +85 C -40 C to +125 C Unit Min 1.5 2.1 3.85 1.9 2.9 4.4 2.48 3.80 Max 0.5 0.9 1.65 0.1 0.1 0.1 0.44 0.44 Min 1.5 2.1 3.85 1.9 2.9 4.4 2.40 3.70 Max 0.5 0.9 1.65 0.1 0.1 0.1 0.55 0.55 V V V V V V V V V V V V V V V V
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
6 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
Table 6. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter II ICC CI input leakage current Conditions Min VI = 5.5 V or GND; VCC = 0 V to 5.5 V 25 C Typ 3 Max 0.1 4.0 10 -40 C to +85 C -40 C to +125 C Unit Min Max 1.0 40 Min Max 2.0 80 A A pF
supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V input capacitance HIGH-level input voltage LOW-level input voltage VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V
74AHCT164 VIH VIL VOH 2.0 0.8 2.0 0.8 2.0 0.8 V V
HIGH-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = -50 A IO = -8.0 mA LOW-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = 50 A IO = 8.0 mA input leakage current VI = 5.5 V or GND; VCC = 0 V to 5.5 V
4.4 3.94 -
4.5 0 -
0.1 0.36 0.1 4.0 1.35
4.4 3.80 -
0.1 0.44 1.0 40 1.5
4.4 3.70 -
0.1 0.55 2.0 80 1.5
V V V V A A mA
VOL
II ICC ICC
supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V additional per input pin; supply current VI = VCC - 2.1 V; IO = 0 A; other pins at VCC or GND; VCC = 4.5 V to 5.5 V input capacitance
CI
-
3
10
-
-
-
-
pF
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
7 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
10. Dynamic characteristics
Table 7. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10. Symbol Parameter 74AHC164 tpd propagation CP to Qn; see Figure 7 delay VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF MR to Qn; see Figure 8 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF fmax maximum frequency see Figure 7 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF tW pulse width CP HIGH or LOW; see Figure 7 VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V tWL pulse width LOW MR; see Figure 8 VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V tsu set-up time DSA, DSB to CP; see Figure 9 VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V th hold time DSA, DSB to CP; see Figure 9 VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V 1.5 2.0 1.5 2.0 1.5 2.0 ns ns 5.0 4.5 6.0 4.5 6.0 4.5 ns ns 5.0 5.0 5.0 5.0 5.0 5.0 ns ns 5.0 5.0 5.0 5.0 5.0 5.0 ns ns 125 85 175 115 105 75 85 65 MHz MHz 80 50 125 75 65 45 50 35 MHz MHz 4.0 5.8 8.6 10.6 1.0 1.0 10.0 12.0 1.0 1.0 11.0 13.5 ns ns 5.3 7.6 12.8 16.3 1.0 1.0 15.0 18.5 1.0 1.0 16.0 20.5 ns ns
[3] [2]
Conditions Min
25 C Typ[1] Max
-40 C to +85 C -40 C to +125 C Unit Min Max Min Max
-
6.5 9.3 4.5 6.4
12.8 16.3 9.0 11.0
1.0 1.0 1.0 1.0
15.0 18.5 10.5 12.5
1.0 1.0 1.0 1.0
16.0 20.5 11.5 14.0
ns ns ns ns
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
8 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
Table 7. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10. Symbol Parameter trec recovery time Conditions Min MR to CP; see Figure 8 VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V CPD fi = 1 MHz; VI = GND to VCC power dissipation capacitance propagation CP to Qn; see Figure 7 delay CL = 15 pF CL = 50 pF MR to Qn; see Figure 8 CL = 15 pF CL = 50 pF fmax maximum frequency see Figure 7 CL = 15 pF CL = 50 pF tW tWL tsu th trec CPD pulse width pulse width LOW set-up time hold time recovery time CP HIGH or LOW; see Figure 7 MR; see Figure 8 DSA, DSB to CP; see Figure 9 DSA, DSB to CP; see Figure 9 MR to CP; see Figure 8
[4] [3] [4]
25 C Typ[1] 48 Max -
-40 C to +85 C -40 C to +125 C Unit Min 2.5 2.5 Max Min 2.5 2.5 Max ns ns pF
2.5 2.5 -
74AHCT164; VCC = 4.5 V to 5.5 V tpd
[2]
125 85 5.0 5.0 4.5 2.0 2.5 -
3.4 4.9 3.5 5.0 175 115 51
9.0 11.0 8.6 10.6 -
1.0 1.0 1.0 1.0 105 75 5.0 5.0 4.5 2.0 2.5 -
10.5 12.5 10.0 12.0 -
1.0 1.0 1.0 1.0 85 65 5.0 5.0 4.5 2.0 2.5 -
11.5 14.0 11.0 13.5 -
ns ns ns ns MHz MHz ns ns ns ns ns pF
power fi = 1 MHz; VI = GND to VCC dissipation capacitance
[1] [2] [3] [4]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V). tpd is the same as tPLH and tPHL. tpd is the same as tPHL only. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs.
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
9 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
11. Waveforms
1/fmax VI CP input GND tW t PHL VOH Qn output VOL VM
001aac426
VM
t PLH
Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Clock pulse width, maximum frequency and input to output propagation delays
VI MR input GND t WL VI CP input GND t PHL VOH Qn output VOL
001aac446
VM
t rec
VM
VM
Measurement points are given in Table 8. VOL and VOH are typical voltage output levels that occur with the output load.
Fig 8.
Master reset pulse width, recovery time and propagation delays
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
10 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
VI CP input GND t su th VI DSA, DSB input GND VM t su th VM
VOH Qn output VOL
001aaf612
VM
Measurement points are given in Table 8. The shaded areas indicate when the input is permitted to change for predictable output performance. VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9. Table 8. Type
Data set-up and hold times Measurement points Input VM 0.5 x VCC 1.5 V Output VM 0.5 x VCC 0.5 x VCC
74AHC164 74AHCT164
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
11 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
VI negative pulse GND
tW 90 % VM 10 % tf tr tr tf 90 % VM 10 % tW VCC G
VI VO
VM
VI positive pulse GND
VM
DUT
RT CL
001aah768
Test data is given in Table 9. Definitions test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator CL = Load capacitance including jig and probe capacitance
Fig 10. Load circuitry for measuring switching times Table 9. Type 74AHC164 74AHCT164 Test data Input VI VCC 3.0 V tr, tf 3.0 ns 3.0 ns Load CL 15 pF, 50 pF 15 pF, 50 pF tPLH, tPHL tPLH, tPHL Test
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
12 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
12. Package outline
SO14: plastic small outline package; 14 leads; body width 3.9 mm SOT108-1
D
E
A X
c y HE vMA
Z 14 8
Q A2 pin 1 index Lp 1 e bp 7 wM L detail X A1 (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 8.75 8.55 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 0.028 0.024 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 inches 0.069 0.004 0.049
0.019 0.0100 0.35 0.014 0.0075 0.34
0.244 0.039 0.041 0.228 0.016
0.028 0.004 0.012
8 o 0
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT108-1 REFERENCES IEC 076E06 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 11. Package outline SOT108-1 (SO14)
74AHC_AHCT164_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
13 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
D
E
A
X
c y HE vMA
Z
14
8
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
7
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT402-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-18 A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.72 0.38 8 o 0
o
Fig 12. Package outline SOT402-1 (TSSOP14)
74AHC_AHCT164_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
14 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT762-1 14 terminals; body 2.5 x 3 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 6 vMCAB wM C y1 C
C y
1 Eh 14
7 e 8
13 Dh 0
9 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 3.1 2.9 Dh 1.65 1.35 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 2 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT762-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
Fig 13. Package outline SOT762-1 (DHVQFN14)
74AHC_AHCT164_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
15 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
13. Abbreviations
Table 10. Acronym CDM CMOS ESD HBM MM TTL Abbreviations Description Charged Device Model Complementary Metal-Oxide Semiconductor ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic
14. Revision history
Table 11. Revision history Release date 20080424 Data sheet status Product data sheet Product data sheet Product specification Change notice Supersedes 74AHC_AHCT164_2 74AHC_AHCT164_1 Document ID 74AHC_AHCT164_3 Modifications: 74AHC_AHCT164_2 74AHC_AHCT164_1 (9397 750 07332)
*
Table 6: the conditions for input leakage current have been changed.
20061129 20000815
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
16 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
15. Legal information
15.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
15.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
15.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
15.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
16. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
74AHC_AHCT164_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 24 April 2008
17 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
17. Contents
1 2 3 4 5 5.1 5.2 6 7 8 9 10 11 12 13 14 15 15.1 15.2 15.3 15.4 16 17 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 Functional description . . . . . . . . . . . . . . . . . . . 5 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 Recommended operating conditions. . . . . . . . 6 Static characteristics. . . . . . . . . . . . . . . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . . 8 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 16 Legal information. . . . . . . . . . . . . . . . . . . . . . . 17 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 17 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Contact information. . . . . . . . . . . . . . . . . . . . . 17 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 24 April 2008 Document identifier: 74AHC_AHCT164_3


▲Up To Search▲   

 
Price & Availability of 74AHC16408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X